Part Number Hot Search : 
78L09 0102A FDB7045 2SC43 PC603 1200AH KF903A BZX55B22
Product Description
Full Text Search
 

To Download T-15801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Reinforced Insulation Per EN 41003/EN 60950
Turns Ratio ( + 5% ) 1CT:2CT & 1:1.36CT
PARAMETER OCL (Primary)
MIN. 1.2
MAX.
UNITS mH H
Leakage Inductance
0.80 & 0.6
Flammability: Materials used in the production of these units meet requirements of UL94-VO and IEC 695-2-2 needle flame test.
Capacitance (CW/W) Primary DC Resistance
35
pF
3000 VRMS Isolation (Hi-Pot)
0.7
ohms
Secondary DC Resistance
0.7 & 1.1
ohms
Parts shipped in anti-static tubes. 18 pieces per tube Surface mount version of this part available. Part# T-15801G
ET Product
10
VS
Primary Pins 14-16 & 6-8
PHYSICAL DIMENSIONS All dimensions in inches (mm):
.920 (23.37) MAX. .560 (14.22) MAX.
.395 (10.03) MAX.
.120 (3.05) MIN. .020 (0.51) TYP.
.010 (0.25) TYP.
.400 (10.16)
.100 (2.54) TYP.
SCHEMATIC DIAGRAM:
16 15 14 13 12 11 10 9
RHOMBUS P/N: T-15801
1 2 3 4 5 6 7 8
CUST P/N: DATE: 2/23/98
NAME: SHEET:
1 OF 1
Rhombus Industries Inc.
Transformers & Magnetic Products
15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971 www.rhombus-ind.com


▲Up To Search▲   

 
Price & Availability of T-15801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X